Part Number Hot Search : 
SMBJ100C 08500 TOTX193K MY2157C 77829E3 ACF21U ABE0121 2SK10
Product Description
Full Text Search
 

To Download RKL4KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RKC, RKH, RKL
resistors
thick film SIP resistors
EU
features * Available in various types of standard circuits in different sizes and power * Higher temperature soldering of the leads prevents terminals from loosening during board assembly * For automatic insertion machines, stick magazines and taping packages are available * Marking: Black body color with white marking * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC dimensions and construction
L Resistive Film Glass Coating .098 (2.5) max. H .13+.02 -.012 (3.3 +0.5) -0.3
Protective Coating p Lead Frame
.01.004 (0.250.1)
Ceramic .047.008 Substrate (1.20.2) .02.004 Inner (0.50.1) Electrode 4 10.16 375 10.8 375 10.8 525 10.2 300 10.1 195 5 12.70 500 13.2 500 13.3 700 10.8 400 12.7 260 6 15.24 625 15.8 625 15.8 875 12.7 500 12.7 325 7 78.78 750 18.3 750 18.3 1050 15.5 580 15.3 390 8 20.32 875 20.9 875 20.9 1250 15.8 650 17.8 455 Number of Pins 9 10 11 22.86 25.40 27.94 1150 1000 1050 28.5 23.4 25.9 1150 1000 1050 28.5 23.4 25.9 1600 1400 1500 20.9 17.8 20.4 820 720 760 22.8 20.3 22.8 650 520 585 12 30.48 1250 31.0 1250 31.0 1700 23.5 850 25.4 715 13 -- -- 33.6 1350 33.6 1800 25.4 880 -- -- 14 -- -- 36.1 1450 -- -- 28.5 900 -- -- 15 -- -- 38.7 1500 -- -- -- -- -- -- Dimen. in. (mm) 16 H max. p -- .200 .100.008 (5.08) (2.540.2) -- 41.3 .256 .100.008 (6.5) (2.540.2) 1550 -- .421 .100.008 (10.7) (2.540.2) -- -- .256 .071.006 (6.5) (1.80.15) -- -- .200 .079.008 (5.08) (2.00.2) --
Size Code RKL RKC
(2.54 pitch)
RKH RKC
(1.8 pitch)
RKS
(2.54 pitch)
L W L W L W L W L W
3 8.20 250 8.20 250 -- -- -- -- -- --
ordering information
New Part # RKC Type RKC RKH RKL 8 Number of Resistors 3 - 16 B Circuit Symbol B, S, C, D, A, T, E, R, L, K D Termination Material D: SnAgCu (Other termination styles available, contact factory for options) STP Packaging STP, STB, TBA, TPA, TUA 103 Nominal Resistance 2 significant figures + 1 multiplier for 2% & 5% 3 significant figures + 1 multiplier for 1% F Tolerance F: 1% G: 2% J: 5%
For further information on packaging, please refer to Appendix C.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/28/08
68
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
RKC, RKH, RKL
thick film SIP resistors circuit schematics
B circuit
R1 R2 R3 R4 Rn
S circuit
R1 R2 Rn
C circuit
R1 R2 Rn
1
2
3
4
5
n+1
1
2
3
4
2n-1
2n
1
n/2+1
n+1
R1=R2=R3=R4=......=Rn n: number of elements Example: RKC8B 103 J RKL8B 472 J RKH8B 332 J
R1=R2=......=Rn n: number of elements Example: RKC4S 103 J RKL4S 472 J RKH4S 332 J
R1=R2=R3=R4=......=Rn n: number of elements Example: RKC8C 103 J RKL8C 472 J RKH8C 332 J
D circuit
A circuit
R1 R2 R3 R4 Rn
T circuit
R1 R1 R2 R3 Rn R2 1 2 3 4 n+1 n+2 1 2 3 4 5 n+1 1 2 3
R1
R1
R2 4 5
R2 n n+1
R1=R2=R3=......=Rn n: number of elements Example: RKC8D 103 J RKL8D 472 J RKH8D 332 J
R1=R2=R3=R4=......=Rn n: number of elements Example: RKC8A 103 J RKL8A 472 J RKH8A 332 J
R1=R2 or R1R2 n: number of elements Example: RKC8T 103/103 J RKL8T 103/103 J RKH8T 103/103 J
E circuit
R1 R1 R1
R circuit
R2 R1 R2 R2 R2 R2 R1 R2 R1 R2 R1
L circuit
R 2R 2R 2R R 2R R 2R
1
2
3
4
5
n
n+1
1
2
3
4
n/2+1
n/2+2
R1=R2 or R1R2 n: number of elements Example: RKC8E 103/103 J RKL8E 103/103 J RKH8E 103/103 J
R1=R2 or R1R2 n: number of elements Example: RKC16R 331/471 J RKL16R 331/471 J RKH16R 331/471 J
1 GND
2 LSB
3
4
n+1 n+2 MSB OUT
n: number of elements Example: RKC5L 253
K circuit
Example of custom circuit
R2
Example of custom circuit
R1 R6
R
2R
4R
8R R1 R3
R4 R5 R2 R3 R4 R5
1
2 MSB
3
4
5
n+1 LSB 1 2 3 4 5 6
1
n: number of elements Example: RKC4K 102
2
3
4
5
6
7
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/01/03
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
69
resistors
RKC, RKH, RKL
resistors
thick film SIP resistors
applications and ratings
Part Designation Circuit Symbol B C D A T E S R L Number of Pins 3-16 5-13 5-14 4-14 5-13 5-13 4-16 4-16 6-11 Power Rating/ Element T.C.R. (ppm/C) Max. Resistance Range () Resistance Tolerance Maximum Working Voltage Rated Operating Ambient Temperature Temperature Range
125mW 200 250mW 125mW 20mW 200
22-2.2M (E24)
F: 1% G: 2% J: 5%
200V
+70C
-55C to +155C
RKC
100-100k (E24) R=2.5k, 5k 10k, 25k 50k, 100k R1(MSB):100 Min Rn(LSB):1M Max
G: 2% J: 5% 1/2LSB (Bit Error) 1/2LSB (Bit Error) -55C to +125C
200V
+70C
K B C D A T E S R B C D A T E S R RKL RKC (1.8 pitch) RKC (2.54 pitch) RKH RKS (2.0 pitch)
5-9 3-12 5-11 5-12 3-12 5-11 5-11 4-12 4-11 4-13 5-13 5-12 4-12 5-13 5-13 4-12 5-11 3-12 4-14 3-16 4-13 4-12
40mW
125mW 200 200mW 125mW
22-1M (E24)
RKL
F: 1% G: 2% J: 5%
100V
+70C
-55C to +125C
100-100k (E24)
G: 2% J: 5%
125mW 200 500mW 250mW
56-2.2M (E24)
RKH
F: 1% G: 2% J: 5%
250V
+70C
-55C to +155C
100-100k (E24)
G: 2% J: 5% 100V
Custom
0.1W 0.125W 0.25W 0.5W 1W
100 150 200
10-1M
0.5% 1% 2% 5%
50V 200V 250V 100V +70C -55C to +125C
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
70
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
RKC, RKH, RKL
thick film SIP resistors wattage/package
3 RKL RKC RKH 147 160 -- 4 185 217 416 Number of Pins 5 6 7 228 273 511 271 330 606 314 387 701 8 357 444 796 9 400 501 891 RKL RKC RKH 10 443 558 986 11 486 615 1081 Number of Pins 12 13 14 529 672 1176 -- 728 1271 -- 785 -- 15 -- 842 -- 16 -- 893 --
resistors
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20 -55
RKL, RKC (L, K circuit), Custom circuit RKC (except L, K circuit), RKH
0
80 100 120 140 160 70 125 155 Ambient Temperature (C)
20
40
60
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Temperature Cycling Moisture Resistance Endurance at 70C
Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.5% 0.25% 0.5% 0.25% 0.5% 0.25% 2.0% 1.0% 2.0% 1.0%
Test Method 25C +25C/-55C, +25C/+125C (RKL) +25C/-55C, +25C/+155C (RKC, RKH) Rated voltage x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -40C (30 minutes), +85C (30 minutes), 5 cycles 40C 2C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
71


▲Up To Search▲   

 
Price & Availability of RKL4KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X